Part Number Hot Search : 
BH6570KV 40600 FR305PT 10210 10005121 300000 G916T1UF TDA1940
Product Description
Full Text Search
 

To Download PALCE22V10-7JCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  flash erasable, reprogrammable cmos pal? device f ax id : 6011 palce22v10 cypress semiconductor corporation ? 3901 north first street ? san jose ? ca 95134 ? 408-943-2600 march 1995 - revised september 1996 0 features ? low power 90 ma max. commercial (10 ns) 130 ma max. commercial (5 ns) ? cmos flash eprom technology for electrical erasabil- ity and reprogrammability ? variable product terms 2 x(8 through 16) product terms ? user-programmable macrocell output polarity control individually selectable for registered or combinato- rial operation ? up to 22 input terms and 10 outputs ? dip, lcc, and plcc available 5 ns commercial version 4 ns t co 3 ns t s 5 ns t pd 181-mhz state machine 10 ns military and industrial versions 7 ns t co 6 ns t s 10 ns t pd 110-mhz state machine 15-ns commercial, industrial, and military versions 25-ns commercial, industrial, and military versions ? high reliability proven flash eprom technology 100% programming and functional testing functional description the cypress palce22v10 is a cmos flash erasable sec- ond-generation programmable array logic device. it is imple- mented with the familiar sum-of-products (and-or) logic structure and the programmable macrocell. pal is a registered trademark of advanced micro devices. logic block diagram (pdip/cdip) pin configuration ce22v10C1 plcc top view macrocell 8 10 12 14 16 16 14 12 10 8 11 10 9 8 7 6 5 4 3 2 1 12 13 14 15 16 17 18 19 20 21 22 23 24 preset programmable and array (132 x 44) i iiii ii iiicp/i v ss i i/o 9 i/o 8 i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 1 i/o 0 v cc reset macrocell macrocell macrocell macrocell macrocell macrocell macrocell macrocell macrocell i/o i/o i/o i/o i/o i/o i i i i i i 2 3 4 5 6 7 i 9 i cp/i v i/o i/o 8 i/o i/o i v i i ss 0 1 cc n/c lcc top view 5 6 7 8 9 10 11 4 3 2 282726 12131415161718 25 24 23 22 21 20 19 i/o i/o i/o i/o i/o i/o i i i i i i 2 3 4 5 6 7 i 9 i cp/i v i/o i/o 8 i/o i/o i v i i ss 0 1 cc 1 n/c nc nc nc nc nc nc ce22v10C2 ce22v10C3 25 24 23 22 21 20 19 5 6 7 8 9 10 11 121314 1516 1718 4 3 2 2827 26 1
palce22v10 2 functional description (continued) the palce22v10 is executed in a 24-pin 300-mil molded dip, a 300-mil cerdip, a 28-lead square ceramic leadless chip car- rier, a 28-lead square plastic leaded chip carrier, and provides up to 22 inputs and 10 outputs. the palce22v10 can be elec- trically erased and reprogrammed. the programmable macro- cell provides the capability of defining the architecture of each output individually. each of the 10 potential outputs may be specified as registered or combinatorial. polarity of each output may also be individually selected, allowing complete flexibility of output configuration. further configurability is pro- vided through array configurable output enable for each po- tential output. this feature allows the 10 outputs to be recon- figured as inputs on an individual basis, or alternately used as a combination i/o controlled by the programmable array. palce22v10 features a variable product term architecture. there are 5 pairs of product term sums beginning at 8 product terms per output and incrementing by 2 to 16 product terms per output. by providing this variable structure, the palce 22v10 is optimized to the configurations found in a majority of applications without creating devices that burden the product term structures with unusable product terms and lower perfor- mance. additional features of the cypress palce22v10 include a synchronous preset and an asynchronous reset product term. these product terms are common to all macrocells, eliminat- ing the need to dedicate standard product terms for initializa- tion functions. the device automatically resets upon power-up. the palce22v10, featuring programmable macrocells and variable product terms, provides a device with the flexib ility to implement logic functions in the 500- to 800-gate-array com- plexity. since each of the 10 output pins may be individually configured as inputs on a temporary or permanent basis, func- tions requiring up to 21 inputs and only a single output and down to 12 inputs and 10 outputs are possible. the 10 poten- tial outputs are enabled using product terms. any output pin may be permanently selected as an output or arbitrarily en- abled as an output and an input through the selective use of individual product terms associated with each output. each of these outputs is achieved through an individual programmable macrocell. these macrocells are programmable to provide a combinatorial or registered inverting or non-inverting output. in a registered mode of operation, the output of the register is fed back into the array, providing current status information to the array. this information is available for establishing the next re- sult in applications such as control state machines. in a com- binatorial configuration, the combinatorial output or, if the out- put is disabled, the signal present on the i/o pin is made available to the array. the flexibility provided by both program- mable product term control of the outputs and variable product terms allows a significant gain in functional density through the use of programmable logic. along with this increase in functional density, the cypress palce22v10 provides lower-power operation through the use of cmos technology, and increased testability with flash re- programmability. selection guide generic part number t pd ns t s ns t co ns i cc ma coml mil/ind coml mil/ind coml mil/ind coml mil/ind palce22v10-5 5 3 4 130 palce22v10-7 7.5 5 5 130 palce22v10-10 10 10 6 6 7 7 90 150 palce22v10-15 15 15 10 10 8 8 90 120 palce22v10-25 25 25 15 15 15 15 90 120 configuration table registered/combinatorial c 1 c 0 configuration 0 0 registered/active low 0 1 registered/active high 1 0 combinatorial/active low 1 1 combinatorial/active high
palce22v10 3 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature .................................C65 c to +150 c ambient temperature with power applied .............................................C55 c to +125 c supply voltage to ground potential (pin 24 to pin 12) ........................................... C0.5v to +7.0v dc voltage applied to outputs in high z state ............................................... C0.5v to +7.0v dc input voltage ............................................ C0.5v to +7.0v output current into outputs (low) ............................. 16 ma dc programming voltage ............................................. 12.5v latch-up current..................................................... >200 ma static discharge voltage (per mil-std-883, method 3015) ............................. >2001v note: 1. t a is the instant on case temperature. macrocell output select mux ar ss 10 q q d cp sp input/ feedback mux 1 s macrocell 1 c 0 c ce22v10C4 operating range range ambient temperature v cc commercial 0 c to +75 c 5v 5% industrial C40 c to +85 c 5v 10% military [1] C55 c to +125 c 5v 10%
palce22v10 4 ] ] electrical characteristics over the operating range [2] parameter description test conditions min. max. unit v oh output high voltage v cc = min., v in = v ih or v il i oh = C3.2 ma coml 2.4 v i oh = C2 ma mil/ind v ol output low voltage v cc = min., v in = v ih or v il i ol = 16 ma coml 0.5 v i ol = 12 ma mil/ind v ih input high level guaranteed input logical high voltage for all inputs [3] 2.0 v v il [4] input low level guaranteed input logical low voltage for all inputs [3] C0.5 0.8 v i ix input leakage current v ss < v in < v cc , v cc = max. C10 10 m a i oz output leakage current v cc = max., v ss < v out < v cc C40 40 m a i sc output short circuit current v cc = max., v out = 0.5v [5,6] C30 C130 ma i cc1 standby power supply current v cc = max., v in = gnd, outputs open in unprogrammed device 10, 15, 25 ns coml 90 ma 5, 7.5 ns 130 ma 15, 25 ns mil/ind 120 ma 10 ns 120 ma i cc2 [6] operating power supply current v cc = max., v il = 0v, v ih = 3v, output open, de- vice programmed as a 10-bit counter, f = 25 mhz 10, 15, 25 ns coml 110 ma 5, 7.5 ns coml 140 ma 15, 25 ns mil/ind 130 ma 10 ns mil/ind 130 ma capacitance [6] parameter description test conditions min. max. unit c in input capacitance v in = 2.0v @ f = 1 mhz 10 pf c out output capacitance v out = 2.0v @ f = 1 mhz 10 pf endurance characteristics [6] parameter description test conditions min. max. unit n minimum reprogramming cycles normal programming conditions 100 cycles notes: 2. see the last page of this specification for group a subgroup testing information. 3. these are absolute values with respect to device ground. all overshoots due to system or tester noise are included. 4. v il (min.) is equal to -3.0v for pulse durations less than 20 ns. 5. not more than one output should be tested at a time. duration of the short circuit should not be more than one second. v out = 0.5v has been chosen to avoid test problems caused by tester ground degradation. 6. tested initially and after any design or process changes that may affect these parameters.
palce22v10 5 ac test loads and waveforms 5v output including jig and scope c l (a) (b) 5v output including jig and scope 5pf (c) output c l r1238 w (319 w mil) r1238 w (319 w mil) r2170 w (236 w mil) r2170 w (236 w mil) 750 w (1.2k w mil) output 2.08v=v thc output 2.13v=v thm 90% 10% 3.0v gnd 90% 10% all input pulses <2ns <2ns (d) 99 w 136 w equivalent to: th venin equivalent(commercial) equivalent to: th venin equivalent(military) ce22v10C5 ce22v10C6 ce22v10C7 load speed c l package 5, 7.5, 10, 15, 25 ns 50 pf pdip, cdip, plcc, lcc parameter v x output w aveform measurement level t er (- ) 1.5v v oh 0.5v v x 0.5v t er (+) 2.6v v ol v x t ea (+) 0v 0.5v t ea (- ) v thc v x v ol 1.5v v x v oh (e) test waveforms
palce22v10 6 ] commercial switching characteristics palce22v10 [2,7] description 22v10-5 22v10-7 22v10-10 22v10-15 22v10-25 parameter min. max. min. max. min. max. min. max. min. max. unit t pd input to output propagation delay [8] 3 5 3 7.5 3 10 3 15 3 25 ns t ea input to output enable delay [9] 6 8 10 15 25 ns t er input to output disable delay [10] 6 8 10 15 25 ns t co clock to output delay [8] 2 4 2 5 2 7 2 8 2 15 ns t s1 input or feedback set-up time 3 5 6 10 15 ns t s2 synchronous preset set-up time 4 6 7 10 15 ns t h input hold time 0 0 0 0 0 ns t p external clock period (t co + t s ) 7 10 12 20 30 ns t wh clock width high [6] 2.5 3 3 6 13 ns t wl clock width low [6] 2.5 3 3 6 13 ns f max1 external maximum frequency (1/(t co + t s )) [11] 143 100 76.9 55.5 33.3 mhz f max2 data path maximum frequency (1/(t wh + t wl )) [6, 12] 200 166 142 83.3 35.7 mhz f max3 internal feedback maximum frequency (1/(t cf + t s )) [6,13] 181 133 111 68.9 38.5 mhz t cf register clock to feedback input [6,14] 2.5 2.5 3 4.5 13 ns t aw asynchronous reset width 8 8 10 15 25 ns t ar asynchronous reset recovery time 4 5 6 10 25 ns t ap asynchronous reset to registered output delay 7.5 12 13 20 25 ns t spr synchronous preset recovery time 4 6 8 10 15 ns t pr power-up reset time [6,15] 1 1 1 1 1 m s notes: 7. part (a) of ac test loads and waveforms is used for all parameters except t er and t ea(+) . part (b) of ac test loads and waveforms is used for t er . part (c) of ac test loads and waveforms is used for t ea(+) . 8. min. times are tested initially and after any design or process changes that may affect these parameters. 9. the test load of part (a) of ac test loads and waveforms is used for measuring t ea(-) . the test load of part (c) of ac test loads and waveforms is used for measuring t ea(+) only. please see part (e) of ac test loads and waveforms for enable and disable test waveforms and measurement reference level s. 10. this parameter is measured as the time after output disable input that the previous output data state remains stable on the output. this delay is measured to the point at which a previous high level has fallen to 0.5 volts below v oh min. or a previous low level has risen to 0.5 volts above v ol max. please see part (e) of ac test loads and waveforms for enable and disable test waveforms and measurement reference levels. 11. this specification indicates the guaranteed maximum frequency at which a state machine configuration with external feedback can operate. 12. this specification indicates the guaranteed maximum frequency at which the device can operate in data path mode. 13. this specification indicates the guaranteed maximum frequency at which a state machine configuration with internal only feed back can operate. 14. this parameter is calculated from the clock period at f max internal (1/f max3 ) as measured (see note above) minus t s . 15. the registers in the palce22v10 have been designed with the capability to reset during system power-up. following power-up, all registers will be reset to a logic low state. the output state will depend on the polarity of the output buffer. this feature is useful in establishing stat e machine initialization. to insure proper operation, the rise in v cc must be monotonic and the timing constraints depicted in power-up reset waveform must be satisfied
palce22v10 7 military and industrial switching characteristics palce22v10 [2,7] 22v10-10 22v10-15 22v10-25 parameter description min. max. min. max. min. max. unit t pd input to output propagation delay [8] 3 10 3 15 3 25 ns t ea input to output enable delay [9] 10 15 25 ns t er input to output disable delay [10] 10 15 25 ns t co clock to output delay [8] 2 7 2 8 2 15 ns t s1 input or feedback set-up time 6 10 18 ns t s2 synchronous preset set-up time 7 10 18 ns t h input hold time 0 0 0 ns t p external clock period (t co + t s ) 12 20 33 ns t wh clock width high [6] 3 6 14 ns t wl clock width low [6] 3 6 14 ns f max1 external maximum frequency (1/(t co + t s )) 11] 76.9 50.0 30.3 mhz f max2 data path maximum frequency (1/(t wh + t wl )) [6,12 ] 142 83.3 35.7 mhz f max3 internal feedback maximum frequency (1/(t cf + t s )) [6,13] 111 68.9 32.2 mhz t cf register clock to feedback input [6,14] 3 4.5 13 ns t aw asynchronous reset width 10 15 25 ns t ar asynchronous reset recovery time 6 12 25 ns t ap asynchronous reset to registered output delay 12 20 25 ns t spr synchronous preset recovery time 8 20 25 ns t pr power-up reset time [6,15] 1 1 1 m s
palce22v10 8 switching waveforms t s t h t wl t wh t p t spr t ar t aw t ap t co t pd t er t ea t er t ea inputs i/o, registered feedback synchronous preset cp asynchronous reset registered outputs combinatorial outputs ce22v10C8 [10] [10] [9] [9] power-up reset waveform [15] t pr power clock t s t wl 10% registered active low outputs supply voltage t pr max = 1 m s 90% v cc ce22v10C9
palce22v10 9 functional logic diagram for palce22v10 0 1 macroC cell macroC cell macroC cell macroC cell macroC cell macroC cell macroC cell macroC cell macroC cell macroC cell 2 3 4 5 6 7 8 9 10 11 23 22 21 20 19 18 17 16 15 14 13 16 20 24 28 32 36 40 ar oe 0 7 oe 0 9 oe 0 11 oe 0 13 oe 0 15 oe 0 15 oe 0 13 oe 0 11 oe 0 9 oe 0 7 s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s sp 12 8 4 ce22v10C10
palce22v10 10 military specifications group a subgroup testing document #: 38-00447-b ordering information i cc (ma) t pd (ns) t s (ns) t co (ns) ordering code package name package type operating range 130 5 3 4 palce22v10-5pc p13 24-lead (300 mil) molded dip commercial palce22v10-5jc j64 28-lead plastic leaded chip carrier 130 7.5 5 5 palce22v10-7jc j64 28-lead plastic leaded chip carrier commercial palce22v10-7pc p13 24-lead (300-mil) molded dip 90 10 6 7 palce22v10-10jc j64 28-lead plastic leaded chip carrier commercial palce22v10-10pc p13 24-lead (300-mil) molded dip 150 10 6 7 palce22v10-10ji j64 28-lead plastic leaded chip carrier industrial palce22v10-10pi p13 24-lead (300-mil) molded dip 150 10 6 7 palce22v10-10dmb d14 24-lead (300-mil) cerdip military palce22v10-10kmb k73 24-lead rectangular cerpack palce22v10-10lmb l64 28-square leadless chip carrier 90 15 7.5 10 palce22v10-15jc j64 28-lead plastic leaded chip carrier commercial palce22v10-15pc p13 24-lead (300-mil) molded dip 120 15 7.5 10 palce22v10-15ji j64 28-lead plastic leaded chip carrier industrial palce22v10-15pi p13 24-lead (300-mil) molded dip 120 15 7.5 10 palce22v10-15dmb d14 24-lead (300-mil) cerdip military palce22v10-15kmb k73 24-lead rectangular cerpack palce22v10-15lmb l64 28-square leadless chip carrier 90 25 15 15 palce22v10-25jc j64 28-lead plastic leaded chip carrier commercial palce22v10-25pc p13 24-lead (300-mil) molded dip 120 25 15 15 palce22v10-25ji j64 28-lead plastic leaded chip carrier industrial palce22v10-25pi p13 24-lead (300-mil) molded dip 120 25 15 15 palce22v10-25dmb d14 24-lead (300-mil) cerdip military palce22v10-25kmb k73 24-lead rectangular cerpack palce22v10-25lmb l64 28-square leadless chip carrier dc characteristics parameter subgroups v oh 1, 2, 3 v ol 1, 2, 3 v ih 1, 2, 3 v il 1, 2, 3 i ix 1, 2, 3 i oz 1, 2, 3 i cc 1, 2, 3 switching characteristics parameter subgroups t pd 9, 10, 11 t co 9, 10, 11 t s 9, 10, 11 t h 9, 10, 11
palce22v10 11 package diagrams 24Clead (300Cmil) cerdip d14 mil-std-1835 d- 9 config .a 28Clead plastic leaded chip carrier j64 24Clead rectangular cerpack k73 mil-std-1835 f- 6 config .a 28Csquare leadless chip carrier l64 mil-std-1835 c-4
pa lc e2 2v 1 0 ? cypress semiconductor corporation, 1996. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semiconductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in do ing so indemnifies cypress semiconductor against all charges. package diagrams (continued) 24Clead (300Cmil) molded dip p13/p13a


▲Up To Search▲   

 
Price & Availability of PALCE22V10-7JCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X